Part Number Hot Search : 
AN77L08 DTA115E VCH16 CY7C618 SA3418B BAV19WS 40CTQ045 40CTQ045
Product Description
Full Text Search
 

To Download S5C7221X01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7221X01
INTRODUCTION
The S5C7221X01 is a Vertical CCD Driver LSI which is fabricated by CMOS process for high voltage
20-SSOP-225
FEATURES
* * * Includes voltage source circuit for CCD image sensor Input voltage : 5V / 3.3V Package : 20 SSOP
ORDERING INFORMATION
Device S5C7221X01-V0B0 S5C7221X01-V0T0 Package 20-SSOP-225 Operating -20 C - 85 C
BLOCK DIAGRAM
GND XSUB XV2 XV1 XSG1 XV3 XSG3 XV4 VCP DCIN
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
VHH VSUB VEE V2 V1 VME V3 V4 VHH DCOUT
1
S5C7221X01
TIMING & SYNC. GENERATOR FOR B/W CCD
PIN DESCRIPTION
Pin 1 2 3 4 5
6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Symbol GND Xsub XV2 XV1 XSG1
XV3 XSG3 XV4 VCP DCIN DCOUT VHH
V4 V3
I/O I I I I
I I I I I O O O O O O -
Description Ground control Output Control (Vsub) Output Control (V2) Output Control (V1) Output Control (V1)
Output Control ( V3) Output Control ( V3) Output Control ( V4) Power of amp OP-Amp input (internal pull-down resistor) OP-Amp output Power (15V) High Voltage Output (2 level :VME, VEE) High Voltage Output ( 3 level : VME, VEE, VHH) Power (0V) High Voltage Output (3 level : VME, VEE, VHH) High Voltage Output (2 level : VME, VEE) Power (-8.5V) High Voltage Output ( 2 level : VEE, VHH) Power (15V)
Remark
VME
V1 V2
VEE Vsub VHH
ABSOLUTE MAXIMUM RATINGS ( Ta = 25C )
Characteristics Symbol Value Unit
VEE Supply Voltage VHH VME VI Input Voltage VCP Output Voltage OP-Amp output Current Operating Temperature Storage Temperature
V1, V2, V3, V4, Vsub
0 - -10 -0.3 - VEE +35 VEE -0.3 - 3.0 -0.3 - VHH +0.3 -0.3 - VEE+35 VEE -0.3 - VHH +0.3
5
V
I OUT T OPR T STG
mA
C
-25 - +85 -45 - +120
2
TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7221X01
LOGIC FUNCTION TABLE
INPUT OUTPUT
XV1,3 L H L H -
XSG1,3 L L H H -
XV2,4 L H -
XSUB L H
V1, 3
V2, 4
VSUB VHH VEE
VHH Z VME VEE -
VME VEE -
AC CHARACTERISTICS
( VHH = 15V, VME = GND, VEE = - 8.5V ; Ta = 25 C )
Description Symbol Test Conditions Min Typ Max Unit
TPLM TPMH TPLH Delay time TPML TPHM TPHL TTLM TTMH TTLH Rising time TTML TTHM TTHL Output noise Voltage VCLH, VCLL VCMH, VCML
NO LOAD (1) NO LOAD (1) NO LOAD (1) NO LOAD (1) NO LOAD (1) NO LOAD (1) VEE VME (1) V M E VHH (1) VEE VHH (1) VME VEE (1) VHH VME (1) VHH VEE (1) (2)
10 10 10 10 10 10 400 400 10 200 400 10 -
40 30 40 100 100 60 700 650 50 300 600 50 -
70 70 100 200 180 100 930 930 100 500 820 100 0.5 V ns
NOTES: 1. 2. Refer to Timing Diagram Refer to Noise Diagram
3
TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7221X01
DC CHARACTERISTICS
( VHH = 15V, VME = GND, VEE = -8.5, VCP = 22V, Ta = 25 C )
Description Symbol Test Conditions Min Typ Max Unit
VHH Supply Voltage VEE Input Voltage High level input voltage Low level input voltage Operation Current IDCIN IHH Operation Current IME IEE IOL IOM1 IOM2 Output Current IOH IOSL IOSH Op-Amp Gain Gain Variation Operation Current
NOTES: 1. 2. 3. Refer to test circuit. Shutter speed : 1/100000 SEC Refer to OP-AMP Gain characteristics X V 1 - 4, XSG1 , XSG3, XSUB PIN
14.5 -9.5 When VCP is used (*3) (*3) VIN = 0 - 5V (*3) VDCIN = 1.0V (*1) (*1) (*1)
V1 - 4 = -8.0V V1 - 4 = -0.5V V1, 3 = 0.5V V1, 3 = 14.5V
15 -8.5 22 0.0 100 2.0 4.5 -6.5 37 -15 13.5 -18 18 -10.5 x 4.2 -
15.5 -7.5 23.5 1.2 1.0 140 3.5 5.0 -10 -12 -7 x 4.7 +3 1.0 % mA mA
A
VCP VIH VIL II
VHH 2.3 -1.0 80 -8.5 25 9 12 x 3.8 -3 0.08
V
VSUB = -8.0V VSUB = 14.5V IOUT = -200 A Ta= -20 - 75C (*2), Iout= -200 A,VDCIN = 1.0 - 4.5V VDCIN = 1.0 - 4.5V, Iout = 0 A
G
G
IVCP
4
S5C7221X01
TIMING & SYNC. GENERATOR FOR B/W CCD
TIMING DIAGRAM
5V XV1 - 4 GND 5V XSG1,3 GND VHH
TPLM TTLM
10% 90% 10% 50% 50% 50%
50%
TPHM TTHM
T PMH T TMH
90%
T PML
90% 10%
T TML
V1,3
VME
VEE VME
V2,4
TPLM
10%
T TLM
90%
TPHL
90%
TTHL
VEE 5V XSUB GND
TPLH
10% 10%
50%
50%
TTHL T PHL T TLH
90% 90%
VHH VSUB VEE
10%
10%
NOISE DIAGRAM
VCMH VCML VME VCLH VEE VCLL
5
TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7221X01
TEST CIRCUIT
R1
R2 C1
C1 C2 C2 C2
R1
C2
C1
R1 : 27 R2 : 5 C1 : 1500pF C2 : 3300pF
500pF R1
C1
R1
VDD2(15V)
20
VEE(-8.5V)
0V
17 16 15 14
VDD1(15V)
13 12 11
19
18
S5C7221X01
1 2 3 4 5 6 7 8 9 10
VCP(22V)
Timing Generator
OP- AMP GAIN CHARACTERISTICS
25.0 (V)
Iout = 0uA
Ta = -20 - 75 C
Output Voltage (2.5/div)
5.0 (V) Input Voltage (0.5/div)
6
S5C7221X01
TIMING & SYNC. GENERATOR FOR B/W CCD
APPLICATION CIRCUIT
VHH (15V) VEE (-8.5)
1 XSUB XV2 XV1 XSG1 XV3 XSG3 XV4 2 3 4 5 6 7 8 VDD (5V) 47k 0.1 F 2 3 4 5 6 7 8 9 10
GND XSUB XV2 XV1
VHH VSUB VEE
V2
20 1 /35V 19 18 17 16 15 14 13 12 IN4148 11 100k
V3 V4 V2 V1
VSUB
TIMING GENERATOR
S5C7221X01
XSG1 XV3 XSG3 XV4 VCP DCIN
V1
VME
V3 V4
VHH DCOUT
* In case of DCOUT VHH - 1.0V , VCP PIN connects with VHH. Warning : When voltage is biased, You must keep this flow. If the flow is interrupted, negative voltage is applied to CCD image sensors SUB.
t1 15V (VHH) 20% 0V (VME) 20% t2 * t1 > t2 > 10ms -8.5V (VEE)
7
CCD
TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7221X01
PACKAGE DIMENSIONS
unit : m m #20 #11
0~
8
_ 6.40 + 0.30
_ 4.40 + 0.20
#1
#10
0.15
6.50 _ 0.20 +
_ 1.50 + 0.20
1.85MAX
0.10 (0.30) 0.65 0.05MIN
MAX
0.22 _ 0.10 +
_ 050 + 0.20
+ 0.10 - 0.05
5.72
8


▲Up To Search▲   

 
Price & Availability of S5C7221X01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X